PART |
Description |
Maker |
IRGB6B60K IRGS6B60K IRGSL6B60K |
600V UltraFast 10-30 kHz IGBT in a TO-220AB package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRG4PC30UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4IBC10UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4PC40KD IRG4PC40KDPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A) 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 2.1V的电压,@和VGE \u003d 15V的,集成电路\u003d 25A条) 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4PC30U IRG4PC30UPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
CPV362M4K |
600V UltraFast 8-25 kHz 3-Phase Bridge IGBT in a IMS-2 package Short Circuit Rated UltraFast IGBT
|
IRF[International Rectifier]
|
IRG4RC10U IRG4RC10UTR IRG4RC10UTRL IRG4RC10UTRR |
600V UltraFast 8-60 kHz Discrete IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
AM29827DM AM29828DM AM29828PCB AM29828ADC AM29828A |
Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1041LPBF with Standard Packaging 600V Non Punch Through, Short Circuit Rated IGBT in a D-Pak package.; Similar to IRGR3B60KD2 with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; Similar to IRGB10B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL10B60KD with Lead Free Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D-Pak Package; A IPS1031R with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in an SO-8 Package; A IPS1052GPBF with Standard Packaging 600V Fast 1-8 kHz Copack IGBT in a TO-220AB package; Similar to IRG4BC20MD with Lead Free Packaging 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package; A IRG4BC20KD-S with Standard Packaging 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package; A IRG4PC30KD with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS7091GPBF with Standard Packaging Programmable Current Sense High Side Switch in a 5-Lead D2-Pak Package; A IR3314SPBF with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1051LPBF with Standard Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D2-Pak Package; A IPS1031S with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a TO-220 Package; A IPS7091PBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak Package; A IPS6031SPBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS6041GPBF with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; A IRG4PC50UD with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; Similar to IRG4PC50UD with Lead Free Packaging Programmable Current Sense High Side Switch in a 5-Lead TO-220 Package; A IR3315PBF with Standard Packaging 10位缓冲器/驱动 10-Bit Buffer/Driver 10位缓冲器/驱动
|
Fairchild Semiconductor, Corp. Advanced Micro Devices, Inc.
|
IRG4PC40UD-E IRG4PC40UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package
|
International Rectifier
|
IRG4BC15UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4BC20UD-S |
600V UltraFast 8-60 kHz Copack IGBT in a D2-Pak package
|
International Rectifier
|